Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL855UT-K Datasheet(PDF) 34 Page - Micronas

Part # HAL855UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855UT-K Datasheet(HTML) 34 Page - Micronas

Back Button HAL855UT-K Datasheet HTML 30Page - Micronas HAL855UT-K Datasheet HTML 31Page - Micronas HAL855UT-K Datasheet HTML 32Page - Micronas HAL855UT-K Datasheet HTML 33Page - Micronas HAL855UT-K Datasheet HTML 34Page - Micronas HAL855UT-K Datasheet HTML 35Page - Micronas HAL855UT-K Datasheet HTML 36Page - Micronas HAL855UT-K Datasheet HTML 37Page - Micronas HAL855UT-K Datasheet HTML 38Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
HAL855
DATA SHEET
34
Nov. 26, 2008; DSH000149_003EN
Micronas
Table 5–1: Telegram parameters (All voltages are referenced to GND.)
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
VDDL
Supply Voltage for Low Level
during Programming
15
5.5
6V
VDDH
Supply Voltage for High Level
during Programming
1
6.8
8.0
8.5
V
tr
Rise Time
1
−−
0.05
ms
tf
Fall Time
1
−−
0.05
ms
tp0
Bit Time on VDD
1
1.7
1.75
1.8
ms
tp0 is defined through the Sync Bit
tpOUT
Bit Time on Output Pin
3
2
3
4
ms
tpOUT is defined through the
Acknowledge Bit
tp1
Voltage Change for Logical 1
1, 3
50
65
80
%
% of tp0 or tpOUT
tPROG
Programming Time for EEPROM
1
95
100
105
ms
VDD,PROG
Supply Voltage during
Programming
1
4.9
5
5.1
V
trp
Rise Time of Charging Pulse
1
0.2
0.5
1
ms
tfp
Fall Time of Charging Pulse
1
0
−
1ms
tw
Delay Time of Charging Pulse
after Acknowledge
10.5
0.7
1ms
Vact
Voltage for an Activate Pulse
3
0
0
0.5
V
tact
Duration of an Activate Pulse
3
0.05
0.1
−
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com