Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1000 Datasheet(PDF) 21 Page - Micronas

Part # HAL1000
Description  Programmable Hall Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1000 Datasheet(HTML) 21 Page - Micronas

Back Button HAL1000 Datasheet HTML 17Page - Micronas HAL1000 Datasheet HTML 18Page - Micronas HAL1000 Datasheet HTML 19Page - Micronas HAL1000 Datasheet HTML 20Page - Micronas HAL1000 Datasheet HTML 21Page - Micronas HAL1000 Datasheet HTML 22Page - Micronas HAL1000 Datasheet HTML 23Page - Micronas HAL1000 Datasheet HTML 24Page - Micronas HAL1000 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DATA SHEET
HAL1000
Micronas
March 4, 2004; 6251-528-1DS
21
4. Application Notes
4.1. Application Circuit
For EMC protection, it is recommended to connect one
ceramic 4.7 nF capacitor between ground and the sup-
ply voltage, and between ground and the output pin. In
addition, the input of the controller unit should be
pulled-down with a resistor of 10 k
Ω or more and a
ceramic 4.7 nF capacitor.
WARNING:
PLEASE NOTE THAT DURING PROGRAM-
MING, THE SENSOR WILL BE SUPPLIED
REPEATEDLY WITH THE PROGRAMMING
VOLTAGE OF 12.5 V FOR 100 MS. ALL
COMPONENTS CONNECTED TO THE VDD
LINE AT THIS TIME MUST BE ABLE TO
RESIST THIS VOLTAGE.
Fig. 4–1: Recommended application circuit
4.2. Temperature Compensation
The relationship between the temperature coefficient
of the magnet and the corresponding TC and TCSQ
codes for linear compensation is given in the following
table. In addition to the linear change of the magnetic
field with temperature, the curvature can be adjusted
as well. For this purpose, other TC and TCSQ combi-
nations are required which are not shown in the table.
Please contact Micronas for more detailed information
on this higher order temperature compensation.
The HAL8xx and HAL1000 contain the same tempera-
ture compensation circuits. If an optimal setting for the
HAL8xx is already available, the same settings may be
used for the HAL1000.
OUT
VDD
GND
4.7 nF
HAL1000
≥10 kΩ
µC
4.7 nF
4.7 nF
Temperature
Coefficient of
Magnet (ppm/K)
TC
TCSQ
400
31
6
300
28
7
200
24
8
100
21
9
018
10
−50
17
10
−90
16
11
−130
15
11
−170
14
11
−200
13
12
−240
12
12
−280
11
12
−320
10
13
−360
9
13
−410
8
13
−450
7
13
−500
6
14
−550
5
14
−600
4
14
−650
3
14
−700
2
15
−750
1
15
−810
0
15
−860
−116
−910
−216
−960
−316
−1020
−417
−1070
−517
−1120
−617
−1180
−718
−1250
−818
−1320
−919
−1380
−10
19
−1430
−11
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com