Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL574 Datasheet(PDF) 5 Page - Micronas

Part # HAL574
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL574 Datasheet(HTML) 5 Page - Micronas

  HAL574 Datasheet HTML 1Page - Micronas HAL574 Datasheet HTML 2Page - Micronas HAL574 Datasheet HTML 3Page - Micronas HAL574 Datasheet HTML 4Page - Micronas HAL574 Datasheet HTML 5Page - Micronas HAL574 Datasheet HTML 6Page - Micronas HAL574 Datasheet HTML 7Page - Micronas HAL574 Datasheet HTML 8Page - Micronas HAL574 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
DATA SHEET
HAL57x, HAL58x
Micronas
Dec. 22, 2008; DSH000145_003EN
5
Unipolar Inverted Switching Sensors:
The sensor turns to low current consumption with the
magnetic south pole on the branded side of the pack-
age and turns to high consumption if the magnetic field
is removed. The sensor does not respond to the mag-
netic north pole on the branded side.
Fig. 1–2: Unipolar Inverted Switching Sensor
Latching Sensor:
The sensor turns to high current consumption with the
magnetic south pole on the branded side of the pack-
age and turns to low consumption with the magnetic
north pole on the branded side. The current consump-
tion does not change if the magnetic field is removed.
For changing the current consumption, the opposite
magnetic field polarity must be applied.
Fig. 1–3: Latching Sensor
1.3. Marking Code
All Hall sensors have a marking on the package sur-
face (branded side). This marking includes the name
of the sensor and the temperature range.
1.4. Operating Junction Temperature Range (TJ)
The Hall sensors from Micronas are specified to the
chip temperature (junction temperature TJ).
K: TJ = −40 °C to +140 °C
E: TJ = −40 °C to +100 °C
Note: Due to the high power dissipation at high current
consumption, there is a difference between the
ambient temperature (TA) and junction tempera-
ture. Please refer to Section 5.4. on page 34 for
details.
BON
BOFF
0
IDDhigh
IDDlow
Current consumption
B
BHYS
Current consumption
IDDlow
BHYS
IDDhigh
BOFF
BON
0
B
Type
Temperature Range
K
E
HAL573
573K
573E
HAL574
574K
574E
HAL575
575K
575E
HAL576
576K
576E
HAL579
579K
579E
HAL581
581K
581E
HAL584
584K
584E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com