Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL575 Datasheet(PDF) 30 Page - Micronas

Part # HAL575
Description  Two-Wire Hall-Effect Sensor Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL575 Datasheet(HTML) 30 Page - Micronas

Back Button HAL575 Datasheet HTML 26Page - Micronas HAL575 Datasheet HTML 27Page - Micronas HAL575 Datasheet HTML 28Page - Micronas HAL575 Datasheet HTML 29Page - Micronas HAL575 Datasheet HTML 30Page - Micronas HAL575 Datasheet HTML 31Page - Micronas HAL575 Datasheet HTML 32Page - Micronas HAL575 Datasheet HTML 33Page - Micronas HAL575 Datasheet HTML 34Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
HAL581
DATA SHEET
30
Dec. 22, 2008; DSH000145_003EN
Micronas
Note: In the diagram “Magnetic switching points ver-
sus temperature”, the curves for
BONmin, BONmax, BOFFmin, and BOFFmax
refer to junction temperature, whereas typical
curves refer to ambient temperature.
0
5
10
15
20
25
30
6
7
8
9
10
11
12
13
14
BON
BOFF
TA = −40 °C
TA = 25 °C
TA = 100 °C
TA = 125 °C
V
mT
BON
BOFF
HAL 581
VDD
Fig. 4–22: Typ. magnetic switching points
versus supply voltage
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6
7
8
9
10
11
12
13
14
BON
BOFF
TA = −40 °C
TA = 25 °C
TA = 100 °C
TA = 125 °C
V
mT
BON
BOFF
HAL 581
VDD
Fig. 4–23: Typ. magnetic switching points
versus supply voltage
−50
0
50
100
150
0
2
4
6
8
10
12
14
16
18
°C
B
ON
max
B
OFF
max
B
ON
typ
B
OFF
typ
B
ON
min
B
OFF
min
VDD = 3.75 V
VDD = 12 V...24 V
mT
BON
BOFF
TA, TJ
HAL 581
Fig. 4–24: Magnetic switching points
versus temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com