Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVC1102 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVC1102
Description  3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVC1102 Datasheet(HTML) 7 Page - Texas Instruments

  CDCLVC1102 Datasheet HTML 1Page - Texas Instruments CDCLVC1102 Datasheet HTML 2Page - Texas Instruments CDCLVC1102 Datasheet HTML 3Page - Texas Instruments CDCLVC1102 Datasheet HTML 4Page - Texas Instruments CDCLVC1102 Datasheet HTML 5Page - Texas Instruments CDCLVC1102 Datasheet HTML 6Page - Texas Instruments CDCLVC1102 Datasheet HTML 7Page - Texas Instruments CDCLVC1102 Datasheet HTML 8Page - Texas Instruments CDCLVC1102 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
tr
Yn
80 % V OH -V OL
CLKIN
tf
20 % V OH -V OL
VOH
V OL
tPLH
V DD / 2
Y n
V DD / 2
CLKIN
tPHL
Note : tsk (p) = | tPLH – t PHL |
CDCLVC11xx
www.ti.com
SCAS895 – MAY 2010
PARAMETERS MEASUREMENT INFORMATION (continued)
Figure 6. Pulse Skew tsk(p) and Propagation Delay
Figure 7. Rise/Fall Times tr/tf
tPLH/tPHL
TYPICAL CHARACTERISTICS
Power Consideration
The following power consideration refers to the device-consumed power consumption only. The device power
consumption is the sum of static power and dynamic power. The dynamic power usage consists of two
components:
1. Power used by the device as it switches states.
2. Power required to charge any output load.
The output load can be capacitive only or capacitive and resistive. The following formula and the power graphs in
Figure 8 and Figure 9 can be used to obtain the power consumption of the device:
Pdev = Pstat + n (Pdyn + PCload)
Pstat = VDD x IDD
Pdyn + PCload = see Figure 8 and Figure 9
where:
VDD = Supply voltage (3.3 V or 2.5 V)
IDD = Static device current (typ 6 mA for VDD = 3.3 V; typ 3 mA for VDD = 2.5 V)
n = Number of switching output pins
Example for Device Power Consumption for CDCLVC1104: 4 outputs are switching, f = 120 MHz, VDD = 3.3 V
and Cload = 2 pF per output:
Pdev = Pstat + n (Pdyn + PCload) = 19.8 mW + 40 mW = 59.8 mW
Pstat = VDD x IDD = 6 mA x 3.3 V = 19.8 mW
n (Pdyn + PCload) = 4 x 10 mW = 40 mW
NOTE
For dimensioning the power supply, the total power consumption needs to be considered.
The total power consumption is the sum of the device power consumption and the power
consumption of the load.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVC11xx



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com