Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC21 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC21
Description  Dual 4-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC21 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC21 Datasheet HTML 1Page - NXP Semiconductors 74HC21 Datasheet HTML 2Page - NXP Semiconductors 74HC21 Datasheet HTML 3Page - NXP Semiconductors 74HC21 Datasheet HTML 4Page - NXP Semiconductors 74HC21 Datasheet HTML 5Page - NXP Semiconductors 74HC21 Datasheet HTML 6Page - NXP Semiconductors 74HC21 Datasheet HTML 7Page - NXP Semiconductors 74HC21 Datasheet HTML 8Page - NXP Semiconductors 74HC21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC21_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 7 May 2009
2 of 14
NXP Semiconductors
74HC21
Dual 4-input AND gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Functional diagram
Fig 2.
Logic symbol
001aab975
1A
1B
1C
1D
1
2
4
6
1Y
5
2A
2B
2C
2D
9
10
12
8
2Y
13
001aab973
1A
1B
1C
1D
1
2
4
6
1Y
5
2A
2B
2C
2D
9
10
12
8
2Y
13
Fig 3.
IEC Logic symbol
Fig 4.
Logic diagram
001aab974
&
6
1
2
4
5
&
8
9
10
12
13
001aab976
A
B
C
D
Y
Fig 5.
Pin configuration SOT27-1 and SOT108-1
Fig 6.
Pin configuration SOT337-1 and SOT402-1
1A
VCC
1B
2D
n.c.
2C
1C
n.c.
1D
2B
1Y
2A
GND
2Y
001aab972
1
2
3
4
5
6
7
8
10
9
12
11
14
13
74HC21
74HC21
1A
VCC
1B
2D
n.c.
2C
1C
n.c.
1D
2B
1Y
2A
GND
2Y
001aai659
1
2
3
4
5
6
7
8
10
9
12
11
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com