Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC73PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC73PW
Description  Dual JK flip-flop with reset; negative-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC73PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC73PW Datasheet HTML 1Page - NXP Semiconductors 74HC73PW Datasheet HTML 2Page - NXP Semiconductors 74HC73PW Datasheet HTML 3Page - NXP Semiconductors 74HC73PW Datasheet HTML 4Page - NXP Semiconductors 74HC73PW Datasheet HTML 5Page - NXP Semiconductors 74HC73PW Datasheet HTML 6Page - NXP Semiconductors 74HC73PW Datasheet HTML 7Page - NXP Semiconductors 74HC73PW Datasheet HTML 8Page - NXP Semiconductors 74HC73PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74HC73_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 19 March 2008
2 of 16
NXP Semiconductors
74HC73
Dual JK flip-flop with reset; negative-edge trigger
4.
Functional diagram
Fig 1.
Functional diagram
001aab981
Q
1Q 12
1J
14
Q
R
1Q 13
J
1CP
1
1K
3
1R
2
CP
FF1
K
Q
2Q 9
2J
7
Q
R
2Q 8
J
2CP
5
2K
10
2R
6
CP
FF2
K
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aab979
Q
1Q 12
2Q 9
1J
14
2J
7
Q
R
1Q 13
2Q 8
J
1CP
1
2CP
5
1K
3
2K
1R 2R
26
10
CP
FF
K
001aab980
13
12
1J
1K
3
R
2
1
14
C1
8
9
1J
1K
10
R
6
5
7
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com