Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2E007 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2E007
Description  2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD2E007 Datasheet(HTML) 2 Page - Texas Instruments

  TPD2E007 Datasheet HTML 1Page - Texas Instruments TPD2E007 Datasheet HTML 2Page - Texas Instruments TPD2E007 Datasheet HTML 3Page - Texas Instruments TPD2E007 Datasheet HTML 4Page - Texas Instruments TPD2E007 Datasheet HTML 5Page - Texas Instruments TPD2E007 Datasheet HTML 6Page - Texas Instruments TPD2E007 Datasheet HTML 7Page - Texas Instruments TPD2E007 Datasheet HTML 8Page - Texas Instruments TPD2E007 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IO1
IO2
GND
ABSOLUTE MAXIMUM RATINGS
(1)
ELECTRICAL CHARACTERISTICS
ESD Protection
TPD2E007
SLVS796D – SEPTEMBER 2008 – REVISED OCTOBER 2009 ........................................................................................................................................ www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
45
–40°C to 85°C
DSLGA – YFM
Tape and reel
TPD2E007YFMRG4
T
–40°C to 85°C
3-DCK
Tape and reel
TPD2E007DCKR
45U
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
EQUIVALENT SCHEMATIC REPRESENTATION
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIO
–13.5
13.5
V
Continuous power dissipation
YFM package
270
mW
(TA = 70°C)
Operating temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
TJ
Junction temperature
150
°C
Infrared (15 s)
220
Bump temperature (soldering)
°C
Vapor phase (60 s)
215
Lead temperature (soldering, 10 s)
300
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBR
Break-down voltage
IIO = 10 mA
±14
V
IIO
Channel leakage current
20
50
nA
Rd
Dynamic resistance
3.5
Ω
CIN
Channel input capacitance
VIO = 2.5 V
10
15
pF
(1)
Typical values are at VCC = 5 V and TA = 25°C.
PARAMETER
TYP
UNIT
HBM
±15
kV
IEC 61000-4-2 Contact Discharge
±8
kV
IEC 61000-4-2 Air-Gap Discharge
±15
kV
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPD2E007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com