Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22941 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22941
Description  LOW-INPUT-VOLTAGE CURRENT-LIMITED LOAD SWITCHES WITH SHUT OFF AND AUTO-RESTART FEATURE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22941 Datasheet(HTML) 2 Page - Texas Instruments

  TPS22941 Datasheet HTML 1Page - Texas Instruments TPS22941 Datasheet HTML 2Page - Texas Instruments TPS22941 Datasheet HTML 3Page - Texas Instruments TPS22941 Datasheet HTML 4Page - Texas Instruments TPS22941 Datasheet HTML 5Page - Texas Instruments TPS22941 Datasheet HTML 6Page - Texas Instruments TPS22941 Datasheet HTML 7Page - Texas Instruments TPS22941 Datasheet HTML 8Page - Texas Instruments TPS22941 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
UVLO
VIN
ON
VOUT
OC
GND
Current
Limit
Thermal
Shutdown
Control
Logic
5
4
2
3
1
TPS22941, TPS22942, TPS22943, TPS22944, TPS22945
SLVS832C – NOVEMBER 2008 – REVISED NOVEMBER 2009
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
TPS22941DCKR
4A_
TPS22942DCKR
4B_
–40°C to 85°C
SOT (SC70) – DCK
Tape and reel
TPS22943DCKR
4C_
TPS22944DCKR
4D_
TPS22945DCKR
4E_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS22941 TPS22942 TPS22943 TPS22944 TPS22945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com