Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZC930 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZC930
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC930 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZC930 Datasheet HTML 1Page - Zetex Semiconductors ZC930 Datasheet HTML 2Page - Zetex Semiconductors ZC930 Datasheet HTML 3Page - Zetex Semiconductors ZC930 Datasheet HTML 4Page - Zetex Semiconductors ZC930 Datasheet HTML 5Page - Zetex Semiconductors ZC930 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ORDER CODES AND PART MARKING
ZC930, ZMV930, ZV931 series
ISSUE 6 - JANUARY 2002
4
SOT23
SOD323
SOD523
ORDER
CODE
PART
MARK
ORDER CODE
PART
MARK
ORDER
CODE
PART
MARK
ZC930TA
V15
ZMV930TA
AH
ZC931TA
V14
ZMV931TA
AJ
ZV931V2TA
91
ZC932TA
V13
ZMV932TA
AK
ZV932V2TA
92
ZC933TA
V17
ZMV933TA
AL
ZV933V2TA
93
ZC933ATA
A17
ZMV933ATA
AM
ZC934TA
V16
ZMV934TA
AN
ZC934ATA
A16
ZMV934ATA
AO
REEL CODE
REEL SIZE
TAPE WIDTH
QUANTITY PER REEL
TA
7 inch (180mm)
8mm
3000
TC
13 inch (330mm)
8mm
10000
TAPE AND REEL INFORMATION
The order codes are shown as TA which is for 7 inch reels. For 13 inch reels substitute TC in place of TA in
the order code.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com