Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G32GD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G32GD
Description  Dual 2-input OR gate
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G32GD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G32GD Datasheet HTML 1Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 2Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 3Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G32GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC2G32 provides a 2-input OR gate function.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these
devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing a damaging backflow current through the device
when it is powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant outputs in the Power-down mode
I High noise immunity
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8-B/JESD36 (2.7 V to 3.6 V)
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I Multiple package options
I Specified from −40 °C to +85 °C and −40 °C to +125 °C
74LVC2G32
Dual 2-input OR gate
Rev. 07 — 6 June 2008
Product data sheet


Similar Part No. - 74LVC2G32GD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC2G32GF NEXPERIA-74LVC2G32GF Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
NXP Semiconductors
74LVC2G32GM PHILIPS-74LVC2G32GM Datasheet
89Kb / 14P
Dual 2-input OR gate
2004 Sep 22
74LVC2G32GM NXP-74LVC2G32GM Datasheet
89Kb / 15P
Dual 2-input OR gate
Rev. 05-4 September 2007
logo
Nexperia B.V. All right...
74LVC2G32GN NEXPERIA-74LVC2G32GN Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
74LVC2G32GS NEXPERIA-74LVC2G32GS Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results

Similar Description - 74LVC2G32GD

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
NXP Semiconductors
74AHC2G32 PHILIPS-74AHC2G32 Datasheet
85Kb / 16P
Dual 2-input OR gate
Rev. 01-23 February 2004
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
DUAL 2-INPUT OR GATE
Mar-2004
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
DUAL 2-INPUT OR GATE
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
Dual 2-input OR Gate
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
DUAL 2-INPUT OR GATE
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
DUAL 2-INPUT OR GATE
Rev 1
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
Dual 2-input OR gate
Rev. 15 - 23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com