Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC2G53DP
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G53DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC2G53DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 14Page - NXP Semiconductors 74LVC2G53DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74LVC2G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 18 June 2008
11 of 23
NXP Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
[2]
tpd is the same as tPLH and tPHL.
[3]
Propagation delay is the calculated RC time constant of the typical ON resistance of the switch and the specified capacitance when
driven by an ideal voltage source (zero output impedance).
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPLZ and tPHZ.
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
Z to Yn or Yn to Z; see Figure 16 [2][3]
VCC = 1.65 V to 1.95 V
-
-
2
-
2.5
ns
VCC = 2.3 V to 2.7 V
-
-
1.2
-
1.5
ns
VCC = 2.7 V
-
-
1.0
-
1.25
ns
VCC = 3.0 V to 3.6 V
-
-
0.8
-
1.0
ns
VCC = 4.5 V to 5.5 V
-
-
0.6
-
0.8
ns
ten
enable time
S to Z or Yn; see Figure 17
[4]
VCC = 1.65 V to 1.95 V
2.6
6.7
10.3
2.6
12.9
ns
VCC = 2.3 V to 2.7 V
1.9
4.1
6.4
1.9
8.0
ns
VCC = 2.7 V
1.9
4.0
5.5
1.8
7.0
ns
VCC = 3.0 V to 3.6 V
1.8
3.4
5.0
1.8
6.3
ns
VCC = 4.5 V to 5.5 V
1.3
2.6
3.8
1.3
4.8
ns
E to Z or Yn; see Figure 17
[4]
VCC = 1.65 V to 1.95 V
1.9
4.0
7.3
1.9
9.2
ns
VCC = 2.3 V to 2.7 V
1.4
2.5
4.4
1.4
5.5
ns
VCC = 2.7 V
1.1
2.6
3.9
1.1
4.9
ns
VCC = 3.0 V to 3.6 V
1.2
2.2
3.8
1.2
4.8
ns
VCC = 4.5 V to 5.5 V
1.0
1.7
2.6
1.0
3.3
ns
tdis
disable time
S to Z or Yn; see Figure 17
[5]
VCC = 1.65 V to 1.95 V
2.1
6.8
10.0
2.1
12.5
ns
VCC = 2.3 V to 2.7 V
1.4
3.7
6.1
1.4
7.7
ns
VCC = 2.7 V
1.4
4.9
6.2
1.4
7.8
ns
VCC = 3.0 V to 3.6 V
1.1
4.0
5.4
1.1
6.8
ns
VCC = 4.5 V to 5.5 V
1.0
2.9
3.8
1.0
4.8
ns
E to Z or Yn; see Figure 17
[5]
VCC = 1.65 V to 1.95 V
2.3
5.6
8.6
2.3
11.0
ns
VCC = 2.3 V to 2.7 V
1.2
3.2
4.8
1.2
6.0
ns
VCC = 2.7 V
1.4
4.0
5.2
1.4
6.5
ns
VCC = 3.0 V to 3.6 V
2.0
3.7
5.0
2.0
6.3
ns
VCC = 4.5 V to 5.5 V
1.3
2.9
3.8
1.3
4.8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com