Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53GD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC2G53GD
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G53GD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC2G53GD Datasheet HTML 4Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 5Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53GD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
74LVC2G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 18 June 2008
8 of 23
NXP Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
[1]
Typical values are measured at Tamb =25 °C and nominal VCC.
[2]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
10.3 ON resistance test circuit and graphs
RON(rail)
ON resistance (rail)
VI = GND; see Figure 9
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
8.2
18
-
27
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.1
16
-
24
Ω
ISW = 12 mA; VCC = 2.7 V
-
6.9
14
-
21
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
-
18
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
5.8
10
-
15
Ω
VI =VCC; see Figure 9
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
10.4
30
-
45
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
7.6
20
-
30
Ω
ISW = 12 mA; VCC = 2.7 V
-
7.0
18
-
27
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
6.1
15
-
23
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
4.9
10
-
15
Ω
RON(flat)
ON resistance
(flatness)
VI = GND to VCC
[2]
ISW = 4 mA;
VCC = 1.65 V to 1.95 V
-
26.0
-
-
-
Ω
ISW = 8 mA; VCC = 2.3 V to 2.7 V
-
5.0
-
-
-
Ω
ISW = 12 mA; VCC = 2.7 V
-
3.5
-
-
-
Ω
ISW = 24 mA; VCC = 3 V to 3.6 V
-
2.0
-
-
-
Ω
ISW = 32 mA; VCC = 4.5 V to 5.5 V
-
1.5
-
-
-
Ω
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graphs see Figure 10 to Figure 15.
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
RON = VSW / ISW.
Fig 9.
Test circuit for measuring ON resistance
ISW
VSW
001aad392
S
Z
E
Y0
Y1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIL
VIL
E
VI
VIL or VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com