Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G126DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC2G126DP
Description  Dual bus buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G126DP Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC2G126DP Datasheet HTML 1Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 2Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 3Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 4Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 5Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 6Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 7Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 8Page - NXP Semiconductors 74LVC2G126DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74LVC2G126 is a dual non-inverting buffer/line driver with 3-state outputs. Each
3-state output is controlled by an output enable input (pin nOE). A LOW-level at pin nOE
causes the output to assume a high-impedance OFF-state. Schmitt trigger action at all
inputs makes the circuit highly tolerant of slower input rise and fall times.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of the
74LVC2G126 as a translator in a mixed 3.3 V and 5 V environment.
It is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing a damaging backflow current through the device when it is
powered down.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I 5 V tolerant input/output for interfacing with 5 V logic
I High noise immunity
I Complies with JEDEC standard:
N JESD8-7 (1.65 V to 1.95 V)
N JESD8-5 (2.3 V to 2.7 V)
N JESD8-B/JESD36 (2.7 V to 3.6 V)
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
I ±24 mA output drive (VCC = 3.0 V)
I CMOS low power consumption
I Latch-up performance exceeds 250 mA
I Direct interface with TTL levels
I Inputs accept voltages up to 5 V
I Multiple package options
I Specified from −40 °Cto+85 °C and −40 °C to +125 °C
74LVC2G126
Dual bus buffer/line driver; 3-state
Rev. 08 — 5 May 2008
Product data sheet


Similar Part No. - 74LVC2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G126DP PHILIPS-74LVC2G126DP Datasheet
95Kb / 16P
Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G126DP NXP-74LVC2G126DP Datasheet
92Kb / 16P
Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
logo
Nexperia B.V. All right...
74LVC2G126DP NEXPERIA-74LVC2G126DP Datasheet
270Kb / 17P
Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
74LVC2G126DP-Q100 NEXPERIA-74LVC2G126DP-Q100 Datasheet
212Kb / 12P
Bus buffer/line driver; 3-state
More results

Similar Description - 74LVC2G126DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G126 PHILIPS-74LVC2G126 Datasheet
95Kb / 16P
Dual bus buffer/line driver; 3-state
2004 Sep 22
74LVC2G125 PHILIPS-74LVC2G125 Datasheet
95Kb / 16P
Dual bus buffer/line driver 3-state
2004 Sep 22
74LVC2G125 NXP-74LVC2G125 Datasheet
92Kb / 16P
Dual bus buffer/line driver; 3-state
Rev. 08-7 September 2007
74LVC2G126 NXP-74LVC2G126 Datasheet
92Kb / 16P
Dual bus buffer/line driver; 3-state
Rev. 06-7 September 2007
74LVC2G125 NXP-74LVC2G125_08 Datasheet
107Kb / 17P
Dual bus buffer/line driver; 3-state
Rev. 10-11 June 2008
74LVC2G125 NXP-74LVC2G125_10 Datasheet
553Kb / 22P
Dual bus buffer/line driver; 3-state
Rev. 11-9 September 2010
74LVC2G125 PHILIPS-74LVC2G125_11 Datasheet
155Kb / 22P
Dual bus buffer/line driver; 3-state
Rev. 12-1 December 2011
logo
Nexperia B.V. All right...
74LVC2G125-Q100 NEXPERIA-74LVC2G125-Q100 Datasheet
215Kb / 2P
Dual bus buffer/line driver; 3-state
74LVC2G125 NEXPERIA-74LVC2G125 Datasheet
272Kb / 17P
Dual bus buffer/line driver; 3-state
Rev. 17 - 26 July 2021
74LVC2G126 NEXPERIA-74LVC2G126 Datasheet
270Kb / 17P
Dual bus buffer/line driver; 3-state
Rev. 15 - 28 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com