Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G06DP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC3G06DP
Description  Triple inverter with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G06DP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC3G06DP Datasheet HTML 3Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 4Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 5Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 6Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 7Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 8Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G06DP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVC3G06_7
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 07 — 12 March 2009
7 of 16
NXP Semiconductors
74LVC3G06
Triple inverter with open-drain output
11. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLZ and tPZL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.0
2.6
6.5
1.0
8.2
ns
VCC = 2.3 V to 2.7 V
0.5
1.6
3.9
0.5
4.9
ns
VCC = 2.7 V
1.0
2.2
4.2
1.0
5.3
ns
VCC = 3.0 V to 3.6 V
0.5
2.0
3.4
0.5
4.3
ns
VCC = 4.5 V to 5.5 V
0.5
1.4
2.9
0.5
3.7
ns
CPD
power dissipation
capacitance
VI = GND to VCC; VCC = 3.3 V
[3] -
5.9
-
-
-
pF
Measurement points are given in Table 9.
VOL is the typical output voltage level that occurs with the output load.
Fig 8.
The input (nA) to output (nY) propagation delays
mnb033
tPLZ
VX
nA input
nY output
VI
VCC
VM
VOL
GND
tPZL
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com