Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G07GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC3G07GD
Description  Triple buffer with open-drain output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G07GD Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC3G07GD Datasheet HTML 1Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G07GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74LVC3G07_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 16 June 2008
2 of 16
NXP Semiconductors
74LVC3G07
Triple buffer with open-drain output
3.
Ordering information
4.
Marking
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC3G07DP
−40 °C to +125 °C
TSSOP8
plastic thin shrink small outline package; 8 leads; body
width 3 mm; lead length 0.5 mm
SOT505-2
74LVC3G07DC
−40 °C to +125 °C
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
74LVC3G07GT
−40 °C to +125 °C
XSON8
plastic extremely thin small outline package; no leads; 8
terminals; body 1
× 1.95 × 0.5 mm
SOT833-1
74LVC3G07GD
−40 °C to +125 °C
XSON8U
plastic extremely thin small outline package; no leads;
8 terminals; UTLP based; body 3
× 2 × 0.5 mm
SOT996-2
74LVC3G07GM
−40 °C to +125 °C
XQFN8U
plastic extremely thin quad flat package; no leads; 8
terminals; UTLP based; body 1.6
× 1.6 × 0.5 mm
SOT902-1
Table 2.
Marking codes
Type number
Marking code
74LVC3G07DP
V07
74LVC3G07DC
V07
74LVC3G07GT
V07
74LVC3G07GD
V07
74LVC3G07GM
V07
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one driver)
001aah762
3A
3Y
2A
2Y
1A
1Y
001aah763
3Y
3A
2Y
2A
1Y
1A
1
1
1
mna591
Y
A
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com