Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G17GD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC3G17GD
Description  Triple non-inverting Schmitt trigger with 5 V tolerant input
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC3G17GD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC3G17GD Datasheet HTML 2Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 3Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 4Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 5Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 6Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 7Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 8Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 9Page - NXP Semiconductors 74LVC3G17GD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
74LVC3G17_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 6 June 2008
6 of 18
NXP Semiconductors
74LVC3G17
Triple non-inverting Schmitt trigger with 5 V tolerant input
[1]
All typical values are measured at Tamb = 25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
12. Dynamic characteristics
[1]
Typical values are measured at Tamb = 25 °C and VCC = 1.8 V, 2.5 V, 2.7 V, 3.3 V and 5.0 V respectively.
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC2 × fo) = sum of outputs.
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 1.65 V to 5.5 V
VCC − 0.1 -
-
V
IO = −4 mA; VCC = 1.65 V
0.95
-
-
V
IO = −8 mA; VCC = 2.3 V
1.7
-
-
V
IO = −12 mA; VCC = 2.7 V
1.9
-
-
V
IO = −24 mA; VCC = 3.0 V
2.0
-
-
V
IO = −32 mA; VCC = 4.5 V
3.4
-
-
V
II
input leakage current
VI = 5.5 V or GND; VCC = 0 V to 5.5 V
-
-
±20
µA
IOFF
power-off leakage current
VI or VO = 5.5 V; VCC = 0 V
-
-
±20
µA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
--
40
µA
∆ICC
additional supply current
VI =VCC − 0.6 V; IO =0A;
VCC = 2.3 V to 5.5 V
--
5
mA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 8
[2]
VCC = 1.65 V to 1.95 V
1.5
5.6
10.5
1.5
13.1
ns
VCC = 2.3 V to 2.7 V
1.0
3.7
6.5
1.0
8.5
ns
VCC = 2.7 V
1.0
3.8
6.5
1.0
8.5
ns
VCC = 3.0 V to 3.6 V
1.0
3.6
5.7
1.0
7.1
ns
VCC = 4.5 V to 5.5 V
1.0
2.7
4.3
1.0
5.4
ns
CPD
power dissipation
capacitance
per buffer; VCC = 3.3 V;
VI = GND to VCC
[3]
-
16.3
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com