Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC595A
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC595A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC595A Datasheet HTML 1Page - NXP Semiconductors 74LVC595A Datasheet HTML 2Page - NXP Semiconductors 74LVC595A Datasheet HTML 3Page - NXP Semiconductors 74LVC595A Datasheet HTML 4Page - NXP Semiconductors 74LVC595A Datasheet HTML 5Page - NXP Semiconductors 74LVC595A Datasheet HTML 6Page - NXP Semiconductors 74LVC595A Datasheet HTML 7Page - NXP Semiconductors 74LVC595A Datasheet HTML 8Page - NXP Semiconductors 74LVC595A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
74LVC595A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 May 2007
2 of 19
NXP Semiconductors
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
4.
Ordering information
5.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVC595AD
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC595APW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC595ABQ
−40 °C to +125 °C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16
terminals; body 2.5
× 3.5 × 0.85 mm
SOT763-1
Fig 1.
Logic symbol
Fig 2.
Functional diagram
OE
MR
9
15
1
2
3
4
5
6
7
13
10
14
11
12
mna552
Q
1
Q
0
Q
2
Q
3
Q
4
Q
5
Q
6
Q
7
Q
7S
D
S
ST
CP
SH
CP
mna554
3-STATE OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
Q
0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Q
7S
14
15
1
2
34567
9
D
S
SH
CP
ST
CP
OE
11
10
12
13
MR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com