Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC595AD
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC595AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC595AD Datasheet HTML 3Page - NXP Semiconductors 74LVC595AD Datasheet HTML 4Page - NXP Semiconductors 74LVC595AD Datasheet HTML 5Page - NXP Semiconductors 74LVC595AD Datasheet HTML 6Page - NXP Semiconductors 74LVC595AD Datasheet HTML 7Page - NXP Semiconductors 74LVC595AD Datasheet HTML 8Page - NXP Semiconductors 74LVC595AD Datasheet HTML 9Page - NXP Semiconductors 74LVC595AD Datasheet HTML 10Page - NXP Semiconductors 74LVC595AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
74LVC595A_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 May 2007
7 of 19
NXP Semiconductors
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
For transceivers, the parameter IOZ includes the input leaking current.
11. Dynamic characteristics
IOZ
OFF-state
output
current
VI =VIH or VIL;
VO = 5.5 V or GND;
VCC = 3.6 V
[2]
-
0.1
±10
-
±20
µA
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
µA
ICC
supply
current
VCC = 3.6 V;
VI =VCC or GND; IO =0A
-
0.1
10
-
40
µA
∆ICC
additional
supply
current
per input pin;
VCC = 1.65 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
-
5
500
-
5000
µA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 13.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
SHCP to Q7S; see Figure 7
[2]
VCC = 1.2 V
-
17.5
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.6
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.7
7.6
1.5
8.7
ns
VCC = 3.0 V to 3.6 V
1.5
4.0
6.7
1.5
7.7
ns
STCP to Qn; see Figure 8
[2]
VCC = 1.2 V
-
16.8
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
5.8
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
3.7
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.0
7.6
1.5
8.7
ns
VCC = 3.0 V to 3.6 V
1.2
3.3
6.7
1.2
7.7
ns
tPHL
HIGH to LOW
propagation delay
MR to Q7S; see Figure 11
VCC = 1.2 V
-
17.3
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.9
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.3
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.5
7.6
1.5
8.7
ns
VCC = 3.0 V to 3.6 V
1.2
3.8
6.7
1.2
7.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com