Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL4.5MDB Datasheet(PDF) 6 Page - Yamar Electronics Ltd.

Part # SFSL4.5MDB
Description  Independent DC-LIN Slave For Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL4.5MDB Datasheet(HTML) 6 Page - Yamar Electronics Ltd.

Back Button SFSL4.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL4.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
© 2007 Yamar Electronics Ltd.
6
DS-ISL40 R1.6
mode. If nSleep pin is low upon waking up, the local device that lowered it must raise the nSleep back
high.
Figure 3.8 - Wakeup from Wake
3.3
ISL40 Configuration
Pins Mode 4 and Mode 3 should be connected to Vcc. The ISL40 operates at default with the following
parameters:
Bit rate: 19.2 Kbps
F0=5.5MHz
The following configuration pins enable changing of the default values.
F0F1-3-0 [4]
F0
F1
1111
3.58Mhz
4.5Mhz
1110
3.58Mhz
5.5Mhz
1101
3.58Mhz
6Mhz
1100
3.58Mhz
6.5Mhz
1011
4.5Mhz
5.5Mhz
1010
4.5Mhz
6Mhz
1001
4.5Mhz
6.5Mhz
1000
4.5Mhz
Reserved
0111
10.7Mhz
Reserved
0110
5.5Mhz
Reserved
0101
5.5Mhz
Reserved
0100
6Mhz
Reserved
0011
6Mhz
Reserved
0010
6.5Mhz
Reserved
0001
6.5Mhz
Reserved
0000(default)
5.5Mhz
6.5Mhz
BitRate1-0 [2]
10 = 57.6Kbps
01 = Reserved
11 = 38.4Kbps
00 = 19.2Kbps
Signal
High (“1”)
Low (“0”)
AutoSleep
Auto Sleep On
Auto Sleep Off
nExtendIn
SIG[7:4] are outputs
SIG[7:4] are inputs
ID[3:0]
Defines device ID
InterHop
InterHop On
InterHop Off
INH
Wake
Normal
mode
DC-BUS
Wakeup Message
Standby
HDO
T1
T2
T1 = 30uS-62uS
T2 = 92uS-124uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com