Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSH3.58MCB Datasheet(PDF) 7 Page - Yamar Electronics Ltd.

Part # SFSH3.58MCB
Description  for DC-LIN Asynchronous Communication Over Noisy Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSH3.58MCB Datasheet(HTML) 7 Page - Yamar Electronics Ltd.

Back Button SFSH3.58MCB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSH3.58MCB Datasheet HTML 11Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Proprietary and Confidential Information of YAMAR Electronics Ltd.
@ 2007 Yamar Electronics Ltd.
7
DS-SIG40 R1.8
4
OPERATION
4.1
Message Construction
The host constructs a message from bytes of data sent to its UART. The device receives this data on
its HDI data-In line. The 1
st low input bit (start bit) starts the signaling transmission, and the 10th high bit
(stop bit) stops the transmission. If all bits, including the 10
th bit, are low, the transmission continues
until a bit becomes high, but no more than 31-bit duration. It is considered as the Synch_Break Field of
the LIN protocol. The stop bit stops the transmission unless a new byte is received from host. The total
byte length does not change. The data latency between transmitter and receiver is about four bits.
4.1.1
LIN Protocol Messages
In order to comply with the LIN protocol, transmission of two kinds of bytes are allowed:
1.
Bytes beginning with a start bit, followed by 8 bits and ending with a stop bit.
2.
Bytes beginning with a start bit followed by a number of zeros ranging from 9 to 30 bits and
ending with a stop bit.
4.1.2
Commanding the SIG40
Writing and reading to/from the internal Control registers (See 4.2) using write and read commands set
the device behavior.
The registers are set by power-up Reset to operate at 19.2KBps, F0 = 5.5Mhz and F1 = 6.5Mhz.
Writing into the registers allows changing the selectable frequencies, the bit rate, and the operating
frequency. It also allows activating the automatic sleep feature and the automatic response to received
bytes feature.
4.1.3
Transmit
Upon detection of a start bit in HDI, the SIG40 starts to transmit modulated signal to the DC line
according to the set-up channel frequency and bit rate.
Note: After transmission, it takes duration of 2 bits before the device starts to listen to the DC-line.
4.1.4
Receive
When not transmitting, the SIG40 listens to the DC line in order to:
•
Detect and decode a legal signaling pattern according to the setup channel and bit rate.
•
In Sleep mode, the device detects wakeup messages.
•
Detects Interference signals.
Note: After transmission, it takes duration of 2 bits before the device starts to listen to the DC-line.
4.2
Control Registers
4.2.1
Device operating parameters and statuses
The internal control registers shown in table 4.1 contain the device parameters and statuses:
Register 0
7
6
5
4
3
2
1
0
Interference
Sleep (“0”)
~F0/F1
Register 1
7
6
5
4
3
2
1
0
“1”
“1”
Bit rate
Select frequency (table 4.2)
Table 4.1 - Device Control Registers
Address Register Name
dir
bits
Description
Default
0[0]
F1/~F0
R/W
1 1 = F1, 0 = F0.
F0
0[1]
Remote loopback
R/W
1 Transmits back the last received byte
0
0[3:2]
For future use
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com