Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KEST-471SW Datasheet(PDF) 1 Page - Kepont Electronics, Inc.

Part # KEST-471SW
Description  Sleeve or Ball Bearing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEPONT [Kepont Electronics, Inc.]
Direct Link  http://www.kepont.com
Logo KEPONT - Kepont Electronics, Inc.

KEST-471SW Datasheet(HTML) 1 Page - Kepont Electronics, Inc.

  KEST-471SW Datasheet HTML 1Page - Kepont Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*TUV Approved for 220/240Vac 120mm fans
KEST© Copyright 2010
Page 1 of 1
REV:1.114
Size:
120mm x 120mm x 38mm
Airflow:
96/105 CFM
Noise:
44 ~ 47dBA
Impeller:
Plastic
Frame:
Aluminum, Painted Black
Type:
Sleeve or Ball Bearing
Terminals:
0.33” inches (optional)
Wire Leads:
18AWG, VW-1, Black, CSA-UR
Soldered Tipped Ends
(optional)
Model
Voltage
(VRM)
Current (I)
Frequency
(Hz)
Watt
Speed (RPM) dBa Air Flow
(CFM)
KEST-471SW* 100/120Vac
0.38/0.36
50/60
28.6/27.8
2400/2550
46/45
103/98
KEST-471BW* 100/120Vac
0.34/0.31
50/60
27.6/26.7
2550/2750
47/46
105/100
KEST-472SW* 220/240Vac
0.22/0.18
50/60
32.6/26.8
2500/2760
45/44
103/96
KEST-472BW* 220/240Vac
0.20/0.17
50/60
32/26
2500/2760
46/45
105/98
KEST-471BT*
100/120Vac
0.34/0.31
50/60
27.6/26.7
2550/2750
47/46
105/100
KEST-472BT*
220/240Vac
0.20/0.17
50/60
32/26
2500/2760
46/45
105/98
Terminals:
0.33” inches (BT*)
Wire Leads:
18AWG, VW-1, Black, CSA-UR (SW*) (BW*)
47- Series
WIRE LEADS
TERMINALS
120mm AC Fans
E303141


Similar Part No. - KEST-471SW

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
More results

Similar Description - KEST-471SW

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KEST-471BT KEPONT-KEST-471BT Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-481BT KEPONT-KEST-481BT Datasheet
188Kb / 1P
Ball Bearing
KEST-471BW KEPONT-KEST-471BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-471SW KEPONT-KEST-471SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472BW KEPONT-KEST-472BW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-472SW KEPONT-KEST-472SW Datasheet
194Kb / 1P
Sleeve or Ball Bearing
KEST-482BT KEPONT-KEST-482BT Datasheet
188Kb / 1P
Ball Bearing
KEST-482BW KEPONT-KEST-482BW Datasheet
188Kb / 1P
Ball Bearing
logo
List of Unclassifed Man...
B6025L ETC2-B6025L Datasheet
375Kb / 1P
ball bearing or fluid dynamic bearing
logo
ebm-papst
6318H EBMPAPST-6318H Datasheet
111Kb / 1P
Ball bearing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com