Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6727BRFP300 Datasheet(PDF) 99 Page - Texas Instruments

Part # TMP320C6727BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6727BRFP300 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMP320C6727BRFP300 Datasheet HTML 95Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 96Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 97Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 98Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 99Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 100Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 101Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 102Page - Texas Instruments TMP320C6727BRFP300 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 118 page
background image
4.16 Real-Time Interrupt (RTI) Timer With Digital Watchdog
4.16.1 RTI/Digital Watchdog Device-Specific Information
McASP0,1,2
Transmit/Receive
DMA Events
McASP0,1,2
Transmit/Receive
DMA Events
Counter 0
32-Bit + 32-Bit Prescale
(Used by DSP BIOS)
Capture 0
32-Bit + 32-Bit Prescale
Counter 1
32-Bit + 32-Bit Prescale
Capture 1
32-Bit + 32-Bit Prescale
Compare 0
32-Bit
RTI Interrupt 0
SYSCLK2
RTI Interrupt 1
Compare 1
32-Bit
RTI Interrupt 2
Compare 2
32-Bit
RTI Interrupt 3
Compare 3
32-Bit
RESET
(Internal Only)
Digital Watchdog
25-Bit Counter
Watchdog Key Register
16-Bit Key
Controlled by
CFGRTI Register
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
C672x includes an RTI timer module which is used to generate periodic interrupts. This module also
includes an optional digital watchdog feature. Figure 4-40 contains a block diagram of the RTI module.
Figure 4-40. RTI Timer Block Diagram
The RTI timer module consists of two independent counters which are both clocked from SYSCLK2 (but
may be started individually and may have different prescaler settings).
The counters provide the timebase against which four output comparators operate. These comparators
may be programmed to generate periodic interrupts. The comparators include an adder which
automatically updates the compare value after each periodic interrupt. This means that the DSP only
needs to initialize the comparator once with the interrupt period.
The two input captures can be triggered from any of the McASP0, McASP1, or McASP2 DMA events. The
device configuration register which selects the McASP events to measure is defined in Table 4-39.
Measuring the time difference between these events provides an accurate measure of the sample rates at
which the McASPs are transmitting and receiving. This measurement can be useful as a hardware assist
for a software asynchronous sample rate converter algorithm.
Submit Documentation Feedback
Peripheral and Electrical Specifications
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com