Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS19
Description  General purpose diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS19 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS19 Datasheet HTML 1Page - NXP Semiconductors BAS19 Datasheet HTML 2Page - NXP Semiconductors BAS19 Datasheet HTML 3Page - NXP Semiconductors BAS19 Datasheet HTML 4Page - NXP Semiconductors BAS19 Datasheet HTML 5Page - NXP Semiconductors BAS19 Datasheet HTML 6Page - NXP Semiconductors BAS19 Datasheet HTML 7Page - NXP Semiconductors BAS19 Datasheet HTML 8Page - NXP Semiconductors BAS19 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2003 Mar 20
2
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage: max. 100 V; 150 V; 200 V
• Repetitive peak reverse voltage: max. 120 V; 200 V;
250 V
• Repetitive peak forward current: max. 625 mA.
APPLICATIONS
• General purpose switching in e.g. surface mounted
circuits.
DESCRIPTION
The BAS19, BAS20 and BAS21 are general purpose
diodes fabricated in planar technology, and encapsulated
in a small SOT23 plastic SMD package.
MARKING
Note
1.
∗ = p: Made in Hong Kong.
∗ = t: Made in Malaysia.
∗ = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE (1)
BAS19
JP
BAS20
JR
BAS21
JS
PIN
DESCRIPTION
1
anode
2
not connected
3
cathode
handbook, halfpage
21
3
MAM185
2
n.c.
1
3
Fig.1 Simplified outline (SOT23) and symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com