Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAS20
Description  General purpose diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS20 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAS20 Datasheet HTML 2Page - NXP Semiconductors BAS20 Datasheet HTML 3Page - NXP Semiconductors BAS20 Datasheet HTML 4Page - NXP Semiconductors BAS20 Datasheet HTML 5Page - NXP Semiconductors BAS20 Datasheet HTML 6Page - NXP Semiconductors BAS20 Datasheet HTML 7Page - NXP Semiconductors BAS20 Datasheet HTML 8Page - NXP Semiconductors BAS20 Datasheet HTML 9Page - NXP Semiconductors BAS20 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2003 Mar 20
6
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
Fig.5
Reverse current as a function of junction
temperature.
handbook, halfpage
102
10
200
0
MBG381
100
Tj (
oC)
IR
(
µA)
1
10 2
10
1
(1)
(2)
(1) VR = VRmax; maximum values.
(2) VR = VRmax; typical values.
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.
handbook, halfpage
04
8
6
2
1.0
0.8
0.2
0.6
0.4
MBG447
VR (V)
Cd
(pF)
Fig.7
Maximum permissible continuous reverse
voltage as a function of the ambient
temperature.
(1) BAS21.
(2) BAS20.
(3) BAS19.
handbook, halfpage
0
100
200
300
200
0
100
MBG445
Tamb (
oC)
VR
(V)
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com