Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS21
Description  General purpose diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS21 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS21 Datasheet HTML 1Page - NXP Semiconductors BAS21 Datasheet HTML 2Page - NXP Semiconductors BAS21 Datasheet HTML 3Page - NXP Semiconductors BAS21 Datasheet HTML 4Page - NXP Semiconductors BAS21 Datasheet HTML 5Page - NXP Semiconductors BAS21 Datasheet HTML 6Page - NXP Semiconductors BAS21 Datasheet HTML 7Page - NXP Semiconductors BAS21 Datasheet HTML 8Page - NXP Semiconductors BAS21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2003 Mar 20
3
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BAS19
−
120
V
BAS20
−
200
V
BAS21
−
250
V
VR
continuous reverse voltage
BAS19
−
100
V
BAS20
−
150
V
BAS21
−
200
V
IF
continuous forward current
see Fig.2; note 1
−
200
mA
IFRM
repetitive peak forward current
−
625
mA
IFSM
non-repetitive peak forward current
square wave; Tj = 25 °C prior to
surge; see Fig.4
t = 1
µs
−
9
A
t = 100
µs
−
3
A
t = 10 ms
−
1.7
A
Ptot
total power dissipation
Tamb = 25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com