Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS45A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS45A
Description  Low-leakage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS45A Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS45A Datasheet HTML 1Page - NXP Semiconductors BAS45A Datasheet HTML 2Page - NXP Semiconductors BAS45A Datasheet HTML 3Page - NXP Semiconductors BAS45A Datasheet HTML 4Page - NXP Semiconductors BAS45A Datasheet HTML 5Page - NXP Semiconductors BAS45A Datasheet HTML 6Page - NXP Semiconductors BAS45A Datasheet HTML 7Page - NXP Semiconductors BAS45A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Mar 13
2
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS45A
FEATURES
• Continuous reverse voltage:
max. 125 V
• Repetitive peak forward current:
max. 625 mA
• Low reverse current: max. 1 nA
• Switching time: typ. 1.5 μs.
APPLICATION
• Low leakage current applications.
DESCRIPTION
Epitaxial medium-speed switching diode with a low leakage current in a
hermetically-sealed glass SOD68 (DO-34) package.
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
handbook, halfpage
MAM156
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Device mounted on a printed-circuit board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
125
V
VR
continuous reverse voltage
−
125
V
IF
continuous forward current
see Fig.2; note 1
−
250
mA
IFRM
repetitive peak forward current
−
625
mA
IFSM
non-repetitive peak forward current square wave; Tj = 25 °C prior to
surge; see Fig.4
tp = 1 μs
−
4
A
tp = 1 ms
−
1
A
tp = 1 s
−
0.5
A
Ptot
total power dissipation
Tamb = 25 °C
−
300
mW
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com