Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA13 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 3 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PA13 • PA13A
PA13U
3
P r o d u c t I n n o v a t i o n F r o m
®
Parameter
Test Condi-
tions2,5
PA13
PA13A
Units
Min
Typ
Max
Min
Typ
Max
OUTPUT
VOLTAGE SWING (Note 4)
PA13 = 10A,
PA13A = 15A
±V
S - 6
*
V
VOLTAGE SWING (Note 4)
I
O = 5A
±V
S - 5
*
V
VOLTAGE SWING (Note 4)
Full temp range,
I
O = 80mA
±V
S - 5
*
V
CURRENT, peak
10
15
A
SETTLING TIME to 0.1%
2V step
2
*
µS
SLEW RATE
2.5
4
*
*
V/µS
CAPACITIVE LOAD
Full temp range,
A
V = 4
1.5
*
nF
CAPACITIVE LOAD
Full temp range,
A
V > 10
SOA
*
POWER SUPPLY
VOLTAGE
Full temp range
±10
±40
±45
*
*
*
V
CURRENT, quiescent
25
50
*
*
mA
THERMAL
RESISTANCE, AC,
junction to case
(Note 5)
T
C = –55 to
+125°C, F >
60Hz
0.6
0.7
*
*
°C/W
RESISTANCE, DC,
junction to case
T
C = –55 to
+125°C
0.9
1.1
*
*
°C/W
RESISTANCE, DC,
junction to air
T
C = –55 to
+125°C
30
*
°C/W
TEMPERATURE RANGE, case Meets full range
specification
-25
+85
*
*
°C
NOTES: 1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken at
typical supply voltages and T
C = 25°C).
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
power dissipation to achieve high MTTF.
* The specification of PA13A is identical to the specification for PA13 in the applicable column to the left
3. The power supply voltage for all tests is ±40, unless otherwise noted as a test condition.
4. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS
to –V
S.
5. Rating applies if the output current alternates between both output transistors at a rate faster than
60Hz.
6. Full temperature range specifications are guaranteed but not 100% tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com