Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS416
Description  Low-leakage diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS416 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS416 Datasheet HTML 1Page - NXP Semiconductors BAS416 Datasheet HTML 2Page - NXP Semiconductors BAS416 Datasheet HTML 3Page - NXP Semiconductors BAS416 Datasheet HTML 4Page - NXP Semiconductors BAS416 Datasheet HTML 5Page - NXP Semiconductors BAS416 Datasheet HTML 6Page - NXP Semiconductors BAS416 Datasheet HTML 7Page - NXP Semiconductors BAS416 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2004 Jan 26
4
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS416
GRAPHICAL DATA
handbook, halfpage
0
IF
(mA)
100
200
300
0
100
200
Tamb (°C)
MHC323
Fig.2
Maximum permissible continuous
forward current as a function of
ambient temperature.
Device mounted on an FR4 printed-circuit board.
handbook, halfpage
0
1.6
300
0
100
200
MLB752 - 1
0.8
1.2
0.4
I F
(mA)
V
(V)
F
(1)
(2)
(3)
(1) Tj = 150 °C; typical values.
(2) Tj = 25 °C; typical values.
(3) Tj = 25 °C; maximum values.
Fig.3
Forward current as a function of
forward voltage.
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25 °C prior to surge.
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com