Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZHCS2000
Description  40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZHCS2000 Datasheet HTML 1Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 2Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 3Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 4Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 5Page - Zetex Semiconductors ZHCS2000 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ISSUE 1 - DECEMBER 2000
ZHCS2000
4
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
40
V
IR=1mA
Forward Voltage
VF
290
340
380
420
485
420
325
385
445
500
615
mV
mV
mV
mV
mV
mV
IF=500mA*
IF=1000mA*
IF=1500mA*
IF=2000mA*
IF=3000mA*
IF=2000mA*,Tamb=100°C*
Reverse Current
IR
160
300
µA
VR=30V
Diode Capacitance
CD
50
pF
f=1MHz,VR=25V
Reverse Recovery
Time
trr
5.5
ns
switched from
IF = 500mA to IR = 500mA
Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com