Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TX50/30/19 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TX50/30/19
Description  Ferrite toroids
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX50/30/19 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX50/30/19 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX50/30/19 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX50/30/19 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1744
Ferroxcube
Ferrite toroids
TX50/30/19
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy, flame retardant in
accordance with “UL 94V-0”; UL file number E 228348.
The colour is white.
Maximum operating temperature is 200
°C.
Isolation voltage
DC isolation voltage: 2000 V.
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.65
mm−1
Ve
effective volume
22378
mm3
Ie
effective length
120.4
mm
Ae
effective area
186
mm2
m
mass of core
≈ 100
g
MFW090
coating EPOXY
19.5
± 0.6
( 0.12)
50.25
± 1.1
29.75
± 0.8
Fig.1 TX50/30/19 ring core.
Dimensions in mm.
Ring core data
GRADE
AL
(nH)
µi
TYPE NUMBER
3E6
19 400
± 30%
≈ 10000
TX50/30/19-3E6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com