Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U10/8/3 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # U10/8/3
Description  U, I cores and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

U10/8/3 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  U10/8/3 Datasheet HTML 1Page - Ferroxcube International Holding B.V. U10/8/3 Datasheet HTML 2Page - Ferroxcube International Holding B.V. U10/8/3 Datasheet HTML 3Page - Ferroxcube International Holding B.V. U10/8/3 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1303
Ferroxcube
U, I cores and accessories
U10/8/3
COIL FORMERS
General data 4-pins U10/8/3 coil former
Winding data and area product for 4-pins U10/8/3 coil former
PARAMETER
SPECIFICATION
Coil former material
polybuteleneterephtalate (PBT), glass-reinforced, flame retardant in accordance
with “UL 94V-0”; UL file number E69578(M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH
OF TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
28
8
30
226
CPH-U10/8/3-1S-4P
handbook, full pagewidth
CBW581
3.7
max.
11.1
max.
2.2
4.1 max.
10.16
±0.05
3 min.
0.8
max.
1.6 max.
7.62
±0.05
2.54
±0.03
∅0.8
2.54
1.3 +
0.15
0
Fig.2 U10/8/3 coil former; 4-pins.
Dimensions in mm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com