Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U15/11/6 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # U15/11/6
Description  U, I cores and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

U15/11/6 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  U15/11/6 Datasheet HTML 1Page - Ferroxcube International Holding B.V. U15/11/6 Datasheet HTML 2Page - Ferroxcube International Holding B.V. U15/11/6 Datasheet HTML 3Page - Ferroxcube International Holding B.V. U15/11/6 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1307
Ferroxcube
U, I cores and accessories
U15/11/6
COIL FORMERS
General data 4-pins U15/11/6 coil former
Winding data and area product for 4-pins U15/11/6 coil former
PARAMETER
SPECIFICATION
Coil former material
polyethyleneterephtalate (PET), glass-reinforced, flame retardant in accordance
with “UL 94V-0”; UL file number E69578 (M)
Pin material
copper-tin alloy (CuSn), tin (Sn) plated
Maximum operating temperature
155
°C, “IEC 60085”, class F
Resistance to soldering heat
“IEC 60068-2-20” , Part 2, Test Tb, method 1B: 350
°C, 3.5 s
Solderability
“IEC 60068-2-20” , Part 2, Test Ta, method 1: 235
°C, 2 s
NUMBER OF
SECTIONS
WINDING
AREA
(mm2)
MINIMUM
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
38.7
9.7
46.6
1250
CPH-U15/11/6-1S-4P
22
× 17.9
2
× 4.45
46.6
2 x 578
CPH-U15/11/6-2S-4P
handbook, full pagewidth
CBW225
2.54
9.7 min.
18.2 max.
16.4 max.
4
3.9
3.1
0.7
15.24
12.7
∅1
∅1.3
16.95
max.
2
1.5
7.35
0
−0.2
7 +
0.2
0
8.5
0
−0.2
5.65 +
0.2
0
1.6 +
0.15
0
Fig.2 U15/11/6 coil former; 4-pins.
Dimensions in mm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com