Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U25/20/13 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # U25/20/13
Description  U, I cores and accessories
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

U25/20/13 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  U25/20/13 Datasheet HTML 1Page - Ferroxcube International Holding B.V. U25/20/13 Datasheet HTML 2Page - Ferroxcube International Holding B.V. U25/20/13 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1325
Ferroxcube
U, I cores and accessories
U25/20/13
CORE SETS
Effective core parameters
SYMBOL
PARAMETER
VALUE
UNIT
Σ(I/A)
core factor (C1)
0.85
mm−1
Ve
effective volume
9180
mm3
Ie
effective length
88.2
mm
Ae
effective area
104
mm2
m
mass of core half
≈ 23.5
g
8.4
± 0.4
11.4
± 0.4
19.6
± 0.2
12.7
± 0.3
24.8
± 0.7
MSA141
Fig.1 U25/20/13 core half.
Dimensions in mm.
Core halves
AL measured on a combination of 2 U cores.
Properties of core sets under power conditions
GRADE
AL
(nH)
µe
TYPE NUMBER
3C90
2 900
±25%
≈ 2000
U25/20/13-3C90
3C94
2 900
±25%
≈ 2000
U25/20/13-3C94
3C11
5000
±25%
≈ 3400
U25/20/13-3C11
3E27
6 300
±25%
≈ 4300
U25/20/13-3E27
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T=100
°C
f = 25 kHz;
=200 mT;
T = 100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f= 100 kHz;
= 200 mT;
T=100
°C
3C90
≥320
≤ 1.1
≤ 1.2
−
3C94
≥320
−≤ 0.9
≤ 5.5
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com