Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLDO485 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZLDO485
Description  4.85 VOLT ULTRA LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLDO485 Datasheet(HTML) 8 Page - Zetex Semiconductors

  ZLDO485 Datasheet HTML 1Page - Zetex Semiconductors ZLDO485 Datasheet HTML 2Page - Zetex Semiconductors ZLDO485 Datasheet HTML 3Page - Zetex Semiconductors ZLDO485 Datasheet HTML 4Page - Zetex Semiconductors ZLDO485 Datasheet HTML 5Page - Zetex Semiconductors ZLDO485 Datasheet HTML 6Page - Zetex Semiconductors ZLDO485 Datasheet HTML 7Page - Zetex Semiconductors ZLDO485 Datasheet HTML 8Page - Zetex Semiconductors ZLDO485 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ZLDO485
5). Low Battery Flag
The ZLDO485 provides an output called Low
Battery Flag (LBF). Unlike many regulators that
only signal that they are falling out of
regulation, the LBF output of the ZLDO485
series indicates that the voltage drop across
the regulator has fallen to less than typically
300mV and so supply failure is imminent.
This improved warning gives both more time
for the system suppl ied to shutdo wn
gracefully and maintains regulation while this
happens. This could be a vital point if
measurements are under way and must be
completed accurately for instance. The LBF
output is driven by an open collector NPN
transistor which pulls low when the supply to
the regulator is failing. Fig.4 shows this output
being used. Note that resistor R1 is necessary
only if the interrupt logic does not include a
pull-up resistor.
Spg
D/C
Vout
LBF
SC
Vin
N/C
Gnd
ZLDO485
6V
C2
1uF
C1
10pF
C3
100nF
R1
100k
0V
+4.85V
Microproc.
System
Interrupt
Input
APPLICATIONS
Figure 4
4-78



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com