Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49300 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 17Page - Cirrus Logic CS49300 Datasheet HTML 18Page - Cirrus Logic CS49300 Datasheet HTML 19Page - Cirrus Logic CS49300 Datasheet HTML 20Page - Cirrus Logic CS49300 Datasheet HTML 21Page - Cirrus Logic CS49300 Datasheet HTML 22Page - Cirrus Logic CS49300 Datasheet HTML 23Page - Cirrus Logic CS49300 Datasheet HTML 24Page - Cirrus Logic CS49300 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
CS49300 Family DSP
DS339F7
21
1.14. Switching Characteristics — Parallel Data Input
(VA, VD[3:1] = 2.5 V
±5%; Inputs: Logic 0 = DGND, Logic 1 = VD, CL = 20 pF)
Notes: 1. CMPREQ signal is asynchronous to CLKIN and can change at any time relative to CLKIN.
2. Certain timing parameters are normalized to the DSP clock, DCLK, in nanoseconds. The DSP clock can
be defined as follows:
External CLKIN Mode:
DCLK == CLKIN/4 before and during boot
DCLK == CLKIN after boot
Internal Clock Mode:
DCLK == 10MHz before and during boot, i.e. DCLK == 100ns
DCLK == 65 MHz after boot, i.e. DCLK == 15.4ns
It should be noted that DCLK for the internal clock mode is application specific. The application code
users guide should be checked to confirm DCLK for the particular application.
Parameter
Symbol
Min
Max
Unit
CMPCLK Period
Tcmpclk
4*DCLK + 10
-
ns
DATA[7:0] setup before CMPCLK high
Tcmpsu
10
-
ns
DATA[7:0] hold after CMPCLK high
Tcmphld
10
-
ns
Delay from falling edge of CMPREQ to CMPCLK rising edge
Treqclk
0-
ns
Tcmpsu
Tcmpclk
Tcmphld
CMPREQ
CMPCLK
DATA[7:0]
Treqclk
Figure 11. Parallel Data Timing (when not in a parallel control mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com