Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3013 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS3013
Description  Low-power / Low-voltage Precision Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3013 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS3013 Datasheet HTML 2Page - Cirrus Logic CS3013 Datasheet HTML 3Page - Cirrus Logic CS3013 Datasheet HTML 4Page - Cirrus Logic CS3013 Datasheet HTML 5Page - Cirrus Logic CS3013 Datasheet HTML 6Page - Cirrus Logic CS3013 Datasheet HTML 7Page - Cirrus Logic CS3013 Datasheet HTML 8Page - Cirrus Logic CS3013 Datasheet HTML 9Page - Cirrus Logic CS3013 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CS3013
6
DS736F3
10/15/09
Typical Performance Plots (Cont.)
-200
-150
-100
-50
V+
V–
+50
+100
+150
+200
012
34
5
Output Current (mA)
Figure 7. Voltage Swing vs. Output Current (2.7 V)
-200
-150
-100
-50
V+
V–
+50
+100
+150
+200
012
3
4
5
Output Current (mA)
+125°C
-40°C
+125°C
+25°C
-40°C
+25°C
Figure 8. Voltage Swing vs. Output Current (5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com