Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49325 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS49325
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49325 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS49325 Datasheet HTML 75Page - Cirrus Logic CS49325 Datasheet HTML 76Page - Cirrus Logic CS49325 Datasheet HTML 77Page - Cirrus Logic CS49325 Datasheet HTML 78Page - Cirrus Logic CS49325 Datasheet HTML 79Page - Cirrus Logic CS49325 Datasheet HTML 80Page - Cirrus Logic CS49325 Datasheet HTML 81Page - Cirrus Logic CS49325 Datasheet HTML 82Page - Cirrus Logic CS49325 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
CS49300 Family DSP
DS339F7
79
22
Multichannel (2 channel)
20-bit Left Justified
(SCLK must be at least 128Fs
for this mode)
(Configuration of AUDATA3 as S/PDIF
(IEC60958) or Digital Audio in the
format of I2S or Left Justified is
covered in AN162 and AN163)
0x80027F
0xFC7FFF
0x80017F
0x018000
0x80027C
0xF01F00
0x80017C
0x001300
24
Multichannel (4 channel)
20-bit Left Justified
(SCLK must be at least 128Fs
for this mode)
(Configuration of AUDATA3 as S/PDIF
(IEC60958) or Digital Audio in the
format of I2S or Left Justified is
covered in AN162 and AN163)
0x80027F
0xFC7FFF
0x80017F
0x010000
0x80027C
0xF01F00
0x80017C
0x001300
3
Multichannel (6 channel)
24-bit Left Justified
(SCLK must be at least 256Fs
for this mode)
(Configuration of AUDATA3 as S/PDIF
(IEC60958) or Digital Audio in the
format of I2S or Left Justified is
covered in AN162 and AN163)
0x80027F
0xFC7FFF
0x80027C
0xF01F00
0x80027D
0xF01F00
0x80027E
0xF01F00
32
Multichannel (2 channel)
24-bit Left Justified
(SCLK must be at least 128Fs
for this mode)
(Configuration of AUDATA3 as S/PDIF
(IEC60958) or Digital Audio in the
format of I2S or Left Justified is
covered in AN162 and AN163)
0x80027F
0xFC7FFF
0x80027C
0xF01F00
0x80017F
0x018000
34
Multichannel (4 channel)
24-bit Left Justified
(SCLK must be at least 128Fs
for this mode)
(Configuration of AUDATA3 as S/PDIF
(IEC60958) or Digital Audio in the
format of I2S or Left Justified is
covered in AN162 and AN163)
0x80027F
0xFC7FFF
0x80017F
0x010000
0x80027C
0xF01F00
B Value
DAO Data Format Of
AUDATA0, 1, 2 (or AUDATA0
for Multichannel Modes)
Hex
Message
Table 23. Output Data Format Configuration
(Parameter B) (Continued)
C Value
MCLK Frequency
Hex
Message
0
(default)
256Fs
0x80027F
0xFFE7FF
1
512Fs
0x80027F
0xFFE7FF
0x80017F
0x001000
2
128Fs
0x80027F
0xFFE7FF
0x80017F
0x001800
3
384Fs
(SCLK must be 64Fs in this
mode and MCLK must be an
input)
0x80027F
0xFFE7FF
0x80017F
0x000800
Table 24. Output MCLK Configuration
(Parameter C)
D Value
SCLK Frequency
Hex
Message
0
(default)
64Fs
0x80027F
0xFFF8FF
0x80017F
0x000100
1
128Fs
0x80027F
0xFFF8FF
0x80017F
0x000200
2
256Fs
0x80027F
0xFFF8FF
0x80017F
0x000300
Table 25. Output SCLK Configuration
(Parameter D)
E Value
SCLK Polarity
Hex
Message
0
(default)
Data Valid on Rising Edge
(clocked out on falling)
0x80027F
0xF7FFFF
1
Data Valid on Falling Edge
(clocked out on rising)
0x80017F
0x080000
Table 26. Output SCLK Polarity Configuration
(Parameter E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com