Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4299
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 48Page - Cirrus Logic CS4299 Datasheet HTML 49Page - Cirrus Logic CS4299 Datasheet HTML 50Page - Cirrus Logic CS4299 Datasheet HTML 51Page - Cirrus Logic CS4299 Datasheet HTML 52Page - Cirrus Logic CS4299 Datasheet HTML 53Page - Cirrus Logic CS4299 Datasheet HTML 54Page - Cirrus Logic CS4299 Datasheet HTML 55Page - Cirrus Logic CS4299 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
CS4202
52
DS549PP2
the part behaves as specified in AC ’97. As shown in
Figure 24, if the HPCFG pin is grounded, the part be-
haves as if HP_OUT was the only output. In this
case, LINE_OUT will be muted, the Master Volume
Register (Index 02h) will control HP_OUT and
PC_BEEP will be routed to HP_OUT during RE-
SET.
10.2.2
Mono Output
The mono output, MONO_OUT, can be either a sum
of the left and right output channels, attenuated by
6 dB to prevent clipping at full scale, or the selected
Mic signal. The mono out channel can drive the PC
internal mono speaker using an appropriate buffer
circuit.
10.3
Miscellaneous Analog Signals
The AFLT1 and AFLT2 pins must have a 1000 pF
NPO capacitor to analog ground. These capacitors
provide a single-pole low-pass filter at the inputs to
the ADCs. This makes low-pass filters at each analog
input pin unnecessary.
The REFFLT pin must have a short, wide trace to a
2.2
µF and a 0.1 µF capacitor connected to analog
ground (see Figure 26 in Section 11, Grounding and
Layout, for an example). The 2.2
µF capacitor must
not be replaced by any other value (it may be re-
placed with two 1 µF capacitors in parallel) and must
be ceramic with low leakage current. Electrolytic ca-
pacitors should not be used. No other connection
should be made, as any coupling onto this pin will
degrade the analog performance of the CS4202.
Likewise, digital signals should be kept away from
REFFLT for similar reasons.
10.4
Power Supplies
The power supplies providing analog power should
be as clean as possible to minimize coupling into the
analog section which could degrade analog perfor-
mance. The +5 V analog supply should be generated
from a voltage regulator (7805 type) connected to a
+12 V supply. This helps isolate the analog circuitry
from noise typically found on +5 V digital supplies.
A typical voltage regulator circuit for analog power
using an MC78M05CDT is shown in Figure 25. One
analog power pin, AVdd2, supplies power to the
headphone amplifier on the CS4202. The other ana-
log power pin, AVdd1, supplies power to the rest of
the CS4202 analog circuitry. The digital power pins,
DVdd1 and DVdd2, should be connected to the same
HP_OUT_R
HP_OUT_C
HP_OUT_L
220
µF
ELEC
220
µF
ELEC
1
µF
ELEC
10 k
Ω
10 k
Ω
AGND
AGND
LINE_OUT_R
LINE_OUT_L
10
µ F
ELEC
10
µ F
ELEC
220 k
Ω
220 k
Ω
AGND
AGND
Headphone
Jack
Line Out
Jack
HPCFG
1000 pF
1000 pF
AGND
+
+
+
+
+
Figure 23. Line Out and Headphone Out Setup
HP_OUT_R
HP_OUT_C
HP_OUT_L
220
µF
ELEC
220
µF
ELEC
1
µF
ELEC
10 k
Ω
10 k
Ω
AGND
AGND
LINE_OUT_R
LINE_OUT_L
Line Out/
Headphone
Jack
HPCFG
AGND
+
+
+
Figure 24. Line Out/Headphone Out Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com