Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4299 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear짰 Audio Codec ??7 for Portable Computing
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 34Page - Cirrus Logic CS4299 Datasheet HTML 35Page - Cirrus Logic CS4299 Datasheet HTML 36Page - Cirrus Logic CS4299 Datasheet HTML 37Page - Cirrus Logic CS4299 Datasheet HTML 38Page - Cirrus Logic CS4299 Datasheet HTML 39Page - Cirrus Logic CS4299 Datasheet HTML 40Page - Cirrus Logic CS4299 Datasheet HTML 41Page - Cirrus Logic CS4299 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 81 page
background image
CS4205
38
DS489PP4
5.17
Audio Sample Rate Control Registers (Index 2Ch - 34h)
SR[15:0]
Sample Rate Select. The Audio Sample Rate Control Registers (Index 2Ch - 34h) control
playback and capture sample rates. The PCM Front DAC Rate Register (Index 2Ch) controls
the Front Left and Front Right DAC sample rates. The PCM L/R ADC Rate Register
(Index 32h) controls the Left and Right ADC sample rates. The Mic ADC Rate Register (Index
34h) controls the Microphone ADC sample rate. There are ten sample rates directly support-
ed by this register, shown in Table 12. Any value written to this register not contained in
Table 12 is not directly supported and will be decoded according to the ranges indicated in
the table. The range boundaries have been chosen so that only bits SR[15:11] of each regis-
ter will have to be considered. All register read transactions will reflect the actual value stored
(column 2 in Table 12) and not the one attempted to be written.
Default
BB80h. This value corresponds to 48 kHz sample rate.
Writes to the PCM Front DAC Rate Register (Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h) are only
available in Variable Rate PCM Audio mode when the VRA bit in the Extended Audio Status/Control Register
(Index 2Ah) is ‘set’. If VRA = 0, writes to the register are ignored and the register will always read BB80h. Writes to
the Mic ADC Rate Register (Index 34h) are only available in Variable Rate Mic Audio mode when the VRM bit in the
Extended Audio Status/Control Register (Index 2Ah) is ‘set’. If VRM = 0, writes to the register are ignored and the
register will always read BB80h. Table 11 lists the SRC registers and their corresponding SRC enable bit.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
Register
Index
SRC
SRC Enable Bit
(Index 2Ah)
2Ch
PCM Front DAC Rate
VRA
32h
PCM L/R ADC Rate
VRA
34h
Mic ADC Rate
VRM
Table 11. Audio Sample Rate Control Register Index
Sample Rate
(Hz)
SR[15:0], register
content (hex value)
SR[15:0], decode
range (hex value)
SR[15:11], decode
range (bin value)
8,000
1F40
0000 - 1FFF
00000 - 00011
9,600
2580
2000 - 27FF
00100 - 00100
11,025
2B11
2800 - 2FFF
00101 - 00101
13,714
3592
3000 - 37FF
00110 - 00110
16,000
3E80
3800 - 47FF
00111 - 01000
22,050
5622
4800 - 57FF
01001 - 01010
24,000
5DC0
5800 - 6FFF
01011 - 01101
32,000
7D00
7000 - 8FFF
01110 - 10001
44,100
AC44
9000 - AFFF
10010 - 10101
48,000
BB80
B000 - FFFF
10110 - 11111
Table 12. Directly Supported SRC Sample Rates for the CS4205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com