Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5371_05 Datasheet HTML 14Page - Cirrus Logic CS5371_05 Datasheet HTML 15Page - Cirrus Logic CS5371_05 Datasheet HTML 16Page - Cirrus Logic CS5371_05 Datasheet HTML 17Page - Cirrus Logic CS5371_05 Datasheet HTML 18Page - Cirrus Logic CS5371_05 Datasheet HTML 19Page - Cirrus Logic CS5371_05 Datasheet HTML 20Page - Cirrus Logic CS5371_05 Datasheet HTML 21Page - Cirrus Logic CS5371_05 Datasheet HTML 22Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CS5371 CS5372
DS255F3
21
13.ORDERING INFORMATION
14.ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Model
Temperature
Package
CS5371-BS
-40 to +85 °C
24-pin SSOP
CS5371-BSZ (lead free)
CS5372-BS
CS5372-BSZ (lead free)
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5371-BS
240 °C
2
365 Days
CS5371-BSZ (lead free)
260 °C
3
7 Days
CS5372-BS
240 °C
2
365 Days
CS5372-BSZ (lead free)
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com