Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5361 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5361
Description  114 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 12Page - Cirrus Logic CS5361 Datasheet HTML 13Page - Cirrus Logic CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic CS5361 Datasheet HTML 17Page - Cirrus Logic CS5361 Datasheet HTML 18Page - Cirrus Logic CS5361 Datasheet HTML 19Page - Cirrus Logic CS5361 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
CS5361
16
DS467F2
4.0 APPLICATIONS
4.1
Operational Mode/Sample Rate Range Select
The output sample rate, Fs, can be adjusted from 2 kHz to 204 kHz. The CS5361 must be set to the proper speed
mode via the mode pins, M1 and M0. Refer to Table 1.
4.2
System Clocking
The device supports operation in either Master Mode, where the left/right and serial clocks are synchronously gen-
erated on-chip, or Slave Mode, which requires external generation of the left/right and serial clocks. The device also
includes a master clock divider in Master Mode where the master clock will be internally divided prior to any other
internal circuitry when MDIV is enabled, set to logic 1. In Slave Mode, the MDIV pin needs to be disabled, set to logic
0.
4.2.1
Slave Mode
LRCK and SCLK operate as inputs in Slave mode. The left/right clock must be synchronously derived from the mas-
ter clock and be equal to Fs. It is also recommended that the serial clock be synchronously derived from the master
clock and be equal to 64x Fs to maximize system performance. Refer to Table 2 for required clock ratios.
Table 2. CS5361 Slave Mode Clock Ratios
M1 (Pin 14)
M0 (Pin 13)
MODE
Output Sample Rate (Fs)
0
0
Single Speed Mode
2 kHz - 51 kHz
0
1
Double Speed Mode
50 kHz - 102 kHz
1
0
Quad Speed Mode
100 kHz - 204 kHz
11
Reserved
Table 1. CS5361 Mode Control
Single Speed Mode
Fs = 2 kHz to 51 kHz
Double Speed Mode
Fs = 50 kHz to 102 kHz
Quad Speed Mode
Fs = 100 kHz to 204 kHz
MCLK/LRCK Ratio
256x, 512x
128x, 256x
128x
SCLK/LRCK Ratio
32x, 64x, 128x
32x, 64x
32x, 64x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com