Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5371 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5371 Datasheet HTML 1Page - Cirrus Logic CS5371 Datasheet HTML 2Page - Cirrus Logic CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CS5371 CS5372
DS255F3
5
DIGITAL CHARACTERISTICS Notes:T
A = 25 C; VA+ = 5V or 2.5V ±5%; VA- = 0V or -2.5V ±5%;
VD = 5V or 3.3V ± 5%; DGND = 0V; All voltages with respect to DGND.
ABSOLUTE MAXIMUM RATINGS Notes:DGND = 0 V
Notes: 12. VA+ and VA- must satisfy {(VA+) - (VA-)} < +6.8 V.
13. VD and VA- must satisfy {(VD) - (VA-)} < +7.6 V.
14. Includes continuous over-voltage conditions at the analog input (AIN) pins.
15. Transient current of up to 100 mA can be safely tolerated without SCR latch-up.
16. Total power dissipation, including all input and output currents.
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage
VIH
0.6 * VD
-
VD
V
Low-level Input Voltage
VIL
0.0
-
0.8
V
High-level Output Voltage
Iout = -5.0 mA
VOH
(VD) - 1.0
-
-
V
Low-level Output Voltage
Iout = 5.0 mA
VOL
--
0.4
V
Input Leakage Current
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies (Notes 12 and 13)
Positive Digital
Positive Analog
Negative Analog
VD
VA+
VA-
-0.3
-0.3
-3.3
-
-
-
+6.0
+6.0
+0.3
V
V
V
Input Current, Any Pin Except Supplies
(Note 14 and 15)
IIN
--
±10
mA
Input Current, Supplies
(Note 15)
IIN
--
±50
mA
Output Current
IOUT
--
±25
mA
Power Dissipation
(Note 16)
PDN
-
-
500
mW
Analog Input Voltage
All Analog Pins
VINA
(VA-) - 0.5
-
(VA+) + 0.5
V
Digital Input Voltage
All Digital Pins
VIND
-0.5
-
(VD) + 0.5
V
Ambient Operating Temperature
TA
-40
-
85
°C
Storage Temperature
Tstg
-65
-
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com