Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5525
Description  16-bit/20-bit, Multi-range ADC with 4-bit Latch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic CS5525 Datasheet HTML 10Page - Cirrus Logic CS5525 Datasheet HTML 11Page - Cirrus Logic CS5525 Datasheet HTML 12Page - Cirrus Logic CS5525 Datasheet HTML 13Page - Cirrus Logic CS5525 Datasheet HTML 14Page - Cirrus Logic CS5525 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
CS5525 CS5526
DS202F5
11
Reading/Writing On-Chip Registers
The CS5525/26’s offset, gain, and configuration
registers are read/writable while the conversion
data register is read only.
To perform a read from a specific register, the R/W
bit of the command word must be a logic 1. The SC,
CC, and PS/R bits must be logic 0 and the CB
(MSB) bit must be a logic 1. The register to be writ-
ten is selected with the RSB2-RSB0 bits of the
command word.
To perform a write to a specific register, the R/W
bit of the command word must be a logic 0. The SC,
CC, and PS/R bits must be logic 0 and the CB (MSB)
bit must be a logic 1. The register to be written is se-
lected with the RSB2-RSB0 bits of the command
word. Figure 6 illustrates the serial sequence neces-
sary to write to, or read from the serial port.
If the Set-up Registers are chosen with the RSB2-
RSB0 bits, the registers are read or written in the
following sequence: Offset, Gain and Configura-
tion. This is accomplished by following one 8-bit
command word with three 24-bit data words for a
total of 72 data bits.
Command Register
D7(MSB)
D6D5D4D3D2D1D0
CB
SC
CC
R/W
RSB2
RSB1
RSB0
PS/R
BIT
NAME
VALUE
FUNCTION
D7
Command Bit, CB
0
1
Null command (no operation). All command bits, including
CB must be 0.
Logic 1 for executable commands.
D6
Single Conversion, SC
0
1
Single Conversion not active.
Perform a conversion.
D5
Continuous Conversions,
CC
0
1
Continuous Conversions not active.
Perform conversions continuously.
D4
Read/Write, R/W
0
1
Write to selected register.
Read from selected register.
D3-D1
Register Select Bit,
RSB2-RSB0
000
001
010
011
100
101
110
111
Offset Register
Gain Register
Configuration Register
Conversion Data Register (read only)
Set-up Registers (Offset, Gain, Configuration)
Reserved
Reserved
Reserved
D0
Power Save/Run, PS/R
0
1
Run
Power Save
Table 1. Command Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com