Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE Datasheet(PDF) 1 Page - Littelfuse

Part # LCE
Description  Transient Voltage Suppression Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LCE Datasheet(HTML) 1 Page - Littelfuse

  LCE Datasheet HTML 1Page - Littelfuse LCE Datasheet HTML 2Page - Littelfuse LCE Datasheet HTML 3Page - Littelfuse LCE Datasheet HTML 4Page - Littelfuse LCE Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
93
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
Revision: January 09, 2009
LCE Series
Axial Leaded – 1500W > LCE series
Please refer to http://www.Littelfuse.com/series/LCE.html for current information.
AGENCY
AGENCY FILE NUMBER
E128662/E230531
LCE Series
The LCE Series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by
lightning and other transient voltage events.
Description
TVS devices are ideal for the protection of I/O interfaces,
V
CC bus and other vulnerable circuits used in telecom,
computer, industrial and consumer electronic applications.
Applications
Features
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation by
10x1000μs test waveform (Fig.1)
(Note 1)
P
PPM
1500
W
Steady State Power Dissipation on
infinite heat sink at T
L=75ºC (Fig. 5)
P
D
6.5
W
Operating Junction and Storage
Temperature Range
T
J, TSTG
-55 to 175
°C
Note:
1. Non-repetitive current pulse , per Fig. 3 and derated above T
A = 25
O
C per Fig. 2.
Maximum Ratings and Thermal Characteristics
(T
A=25
O
C unless otherwise noted)
Agency Approvals
junction in DO-201
Package
capability at 10×1000μs
waveform, repetition rate
(duty cycles):0.01%
typically less than 1.0ps
from 0 Volts to BV min
capability
resistance
soldering guaranteed:
260°C/40 seconds /
0.375”,(9.5mm) lead
length, 5 lbs., (2.3kg)
tension
Underwriters Laboratory
Flammability classification
94V-O
plated
applications
RoHS


Similar Part No. - LCE

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
LCE MERITEK-LCE Datasheet
391Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
LCE RUILON-LCE Datasheet
752Kb / 7P
Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
LCE ANOVA-LCE Datasheet
283Kb / 3P
Axial Lead Transient Voltage Suppressors
More results

Similar Description - LCE

ManufacturerPart #DatasheetDescription
logo
Littelfuse
20KPA LITTELFUSE-20KPA Datasheet
131Kb / 5P
Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
Transient Voltage Suppression Diodes
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SMB10J YINT-SMB10J Datasheet
632Kb / 4P
Transient Voltage Suppression Diodes
SM5S YINT-SM5S Datasheet
385Kb / 3P
Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com