Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8415A
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8415A Datasheet HTML 17Page - Cirrus Logic CS8415A Datasheet HTML 18Page - Cirrus Logic CS8415A Datasheet HTML 19Page - Cirrus Logic CS8415A Datasheet HTML 20Page - Cirrus Logic CS8415A Datasheet HTML 21Page - Cirrus Logic CS8415A Datasheet HTML 22Page - Cirrus Logic CS8415A Datasheet HTML 23Page - Cirrus Logic CS8415A Datasheet HTML 24Page - Cirrus Logic CS8415A Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DS470F4
21
CS8415A
8. CONTROL PORT REGISTER BIT DEFINITIONS
8.1
Control 1 (01h)
SWCLK - Controls output of OMCK on RMCK when PLL loses lock
Default = ‘0’
0 - RMCK default function
1 - OMCK output on RMCK pin
MUTESAO - Mute control for the serial audio output port
Default = ‘0’
0 - Disabled
1 - Enabled
INT1:0 - Interrupt output pin (INT) control
Default = ‘00’
00 - Active high; high output indicates interrupt condition has occurred
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin.
11 - Reserved
8.2
Control 2 (02h)
HOLD1:0 - Determine how received audio sample is affected when a receiver error occurs
Default = ‘00’
00 - Hold the last valid audio sample
01 - Replace the current audio sample with 00 (mute)
10 - Do not change the received audio sample
11 - Reserved
RMCKF - Select recovered master clock output pin frequency.
Default = ‘0’
0 - RMCK is equal to 256 * Fs
1 - RMCK is equal to 128 * Fs
MMR - Select AES3 receiver mono or stereo operation
Default = ‘0’
0 - Normal stereo operation
1 - A and B subframes treated as consecutive samples of one channel of data.
Data is duplicated to both left and right parallel outputs of the AES receiver block.
The sample rate (Fs) is doubled compared to MMR=0
7
6
5
4
32
10
SWCLK
0
MUTESAO
0
0
INT1
INT0
0
7
6
5
4
32
10
0
HOLD1
HOLD0
RMCKF
MMR
MUX2
MUX1
MUX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com