Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856W Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC856W
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC856W Datasheet(HTML) 2 Page - NXP Semiconductors

  BC856W Datasheet HTML 1Page - NXP Semiconductors BC856W Datasheet HTML 2Page - NXP Semiconductors BC856W Datasheet HTML 3Page - NXP Semiconductors BC856W Datasheet HTML 4Page - NXP Semiconductors BC856W Datasheet HTML 5Page - NXP Semiconductors BC856W Datasheet HTML 6Page - NXP Semiconductors BC856W Datasheet HTML 7Page - NXP Semiconductors BC856W Datasheet HTML 8Page - NXP Semiconductors BC856W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2002 Feb 04
2
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856W; BC857W;
BC858W
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
PNP transistor in a SOT323 plastic package.
NPN complements: BC846W, BC847W and BC848W.
MARKING
Note
1.
* = -: made in Hong Kong.
* = t: made in Malaysia.
PINNING
TYPE NUMBER
MARKING CODE(1)
BC856W
3D*
BC856AW
3A*
BC856BW
3B*
BC857W
3H*
BC857AW
3E*
BC857BW
3F*
BC857CW
3G*
BC858W
3M*
PIN
DESCRIPTION
1
base
2
emitter
3
collector
handbook, halfpage
MAM048
Top view
2
1
3
2
3
1
Fig.1
Simplified outline (SOT323; SC70) and
symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com