Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP52 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCP52
Description  60 V, 1 A PNP medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP52 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCP52 Datasheet HTML 1Page - NXP Semiconductors BCP52 Datasheet HTML 2Page - NXP Semiconductors BCP52 Datasheet HTML 3Page - NXP Semiconductors BCP52 Datasheet HTML 4Page - NXP Semiconductors BCP52 Datasheet HTML 5Page - NXP Semiconductors BCP52 Datasheet HTML 6Page - NXP Semiconductors BCP52 Datasheet HTML 7Page - NXP Semiconductors BCP52 Datasheet HTML 8Page - NXP Semiconductors BCP52 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BCP52_BCX52_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 25 February 2008
2 of 12
NXP Semiconductors
BCP52; BCX52
60 V, 1 A PNP medium power transistors
2.
Pinning information
3.
Ordering information
[1]
Valid for all available selection groups.
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOT223
1
base
2
collector
3
emitter
4
collector
SOT89
1
emitter
2
collector
3
base
13
2
4
sym028
2, 4
3
1
321
006aaa231
2
1
3
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
BCP52
SC-73
plastic surface-mounted package with increased
heatsink; 4 leads
SOT223
BCX52
SC-62
plastic surface-mounted package; collector pad for good
heat transfer; 3 leads
SOT89
Table 5.
Marking codes
Type number
Marking code
BCP52
BCP52
BCP52-10
BCP52/10
BCP52-16
BCP52/16
BCX52
AE
BCX52-10
AG
BCX52-16
AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com