Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV48 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCV48
Description  PNP Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCV48 Datasheet(HTML) 2 Page - NXP Semiconductors

  BCV48 Datasheet HTML 1Page - NXP Semiconductors BCV48 Datasheet HTML 2Page - NXP Semiconductors BCV48 Datasheet HTML 3Page - NXP Semiconductors BCV48 Datasheet HTML 4Page - NXP Semiconductors BCV48 Datasheet HTML 5Page - NXP Semiconductors BCV48 Datasheet HTML 6Page - NXP Semiconductors BCV48 Datasheet HTML 7Page - NXP Semiconductors BCV48 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Dec 06
2
NXP Semiconductors
Product data sheet
PNP Darlington transistors
BCV28; BCV48
FEATURES
• Very high DC current gain (min. 10000)
• High current (max. 500 mA)
• Low voltage (max. 60 V).
APPLICATIONS
• Where very high amplification is required.
DESCRIPTION
PNP Darlington transistor in a SOT89 plastic package.
NPN complements: BCV29 and BCV49.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym088
TR1
TR2
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
MARKING
TYPE NUMBER
MARKING CODE
BCV28
ED
BCV48
EE
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BCV28
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89
BCV48



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com