Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMS2811 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZMS2811
Description  SCHOTTKY BARRIER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZMS2811 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZMS2811 Datasheet HTML 1Page - Zetex Semiconductors ZMS2811 Datasheet HTML 2Page - Zetex Semiconductors ZMS2811 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMS2800E
ZMS2811E
ZMS5800E
0.8
50
100
150
200
0.8
0.6
0.4
0.2
0
Temperature (°C)
(ZMS2811)
Reverse Voltage (V)
50
100
150
200
0.8
0.6
0.4
0.2
0
Temperature (°C)
(ZMS2800 & ZMS5800)
TYPICAL CHARACTERISTICS
(ZMS2811)
(ZMS2800 & ZMS5800)
Reverse Voltage (V)
IF=10mA
IF=1.0mA
IF=0.1mA
IF=0.01mA
IF=10mA
IF=1.0mA
IF=0.1mA
IF=0.01mA
1.4
1.2
0.2
1.0
0.6
0.4
0.8
1.4
1.2
0.2
1.0
0.6
0.4
10
020
30
40
50
2
04
6
8
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com